Part Number Hot Search : 
LM317L PZM22N 105K1 MS5F5 78DL08 LC75710N 1H106 SB113
Product Description
Full Text Search
 

To Download DFB-1310-10LR-LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary DATA SHEET
DFB LASER DIODE LC TOSA
DFB-1310-10LR-LC
FEATURES:
10Gbps 1310nm DML RWG DFB laser Very low power dissipation 50 Ohm impedance matching inside the laser package Differential electrical interface Anti-wiggle receptacle
The DFB-1310-10LR-LC is specifically designed for applications based on several optical communications standards, including IEEE 10GBASE-LR, STM64, STM64 FEC, 10GFC, 10G GbE, 10G GbE FEC, & 10GFC FEC. Excellent optical performance is achieved by matching the electrical characteristics of the TOSA and laser to the external circuitry. Separate, differential laser bias and modulation pins significantly reduce the amount of electrical power required at the module level, and help to reduce the overall electro-magnetic emissions. The TOSA is designed to be paired with the 10G LR ROSA PIN-1310-10LR-x available at http://www.finisar.com/aoc.php.
APPLICATION
Designed for SONET and Gigabit Ethernet Compatible with all 10Gb MSAs (XFP, X2, XPAK, XENPAK)
Part Number DFB-1310-10LR-LC
Description 10Gb DFB laser in LC TOSA
DFB-1310-10LR-LC
DFB LC LASER DIODE
ABSOLUTE MAXIMUM RATINGS
Parameter
Storage Temperature Case Operating Temperature Lead Solder Temperature Continuous Optical Power Liode Diode Reverse Voltage Laser Diode Continuous Forward Current Monitor Photodiode Reverse Current Monitor Photodiode Reverse Voltage
Rating
-40C to +85C -5C to +85C 260C, 10 seconds 20mW 2V 130mA 2mA 10V
NOTICE: Stresses greater than those listed under "Absolute
Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operations section for extended periods of time may affect reliability.
NOTICE: The inherent design of this component causes it
to be sensitive to electrostatic discharge (ESD). To prevent ESD-induced damage and/or degradation to equipment, take normal ESD precautions when handling this product
DFB-1310-10LR-LC
ELECTRICAL-OPTICAL CHARACTERISTICS
Unless otherwise stated, all parameters are at TCASE = 25C, TRANGE, CASE = -5 to 85C, 10.3125 Gbps, PRBS 231-1
Parameter
Threshold Current Operating Current Modulation Current Output Power Slope Efficiency Extinction Ratio LA (wiggle) Wavelength Spectral Width (-20dB) Wavelength temperature coefficient Side Mode Suppression Transmitter Reflectance Mask Margin Rise / Fall Time Forward Voltage TOSA Input Resistance Monitor Current Power Tracking Error Monitor Dark Current Monitor Diode Capacitance Optical Return Loss Tolerance Differential Return Loss Case to Signal Isolation
Test Conditions
T = 25C T = TRANGE T = 25C T = TRANGE T = 25C T = TRANGE IF = IOP T = 25C, SMF T = TRANGE
Symbol
ITH IOP IMOD LOP
Min.
Typ.
8
Max.
35
Units
mA mA
Notes
35 70 25 60 -3.5 0.023 3.5 6.5 1.5 1291 1329 1.0 0.09 35 -25 12 10 35 45 1 30 25 -1.5 34 1.6 40 1000 1.5 10 100 10 12 -10 -6 10 -1.0
1 ER~4.5dB ER~6.5dB 2
mA dBm mW/mA dB dB nm nm nm/C dB dB % ps V Ohms
3 4
LA T = 25C T = TRANGE
/T
T = TRANGE
SMSR RL
5 6 6
T = 25C T = TRANGE
MM Tr Tf
I=IOP, T=TRANGE I=IOP, T=TRANGE T = 25C, I=IOP, VB=-2.5V IMON=Constant T=25C, VB=-2.5V T=TRANGE, VB=-2.5V VB=-2.5V
Vf RDIFF IMON TE ID CMON ORL
7
A
dB nA pF dB dB K ohms 8
0.1SDD11 RISO
Notes: 1. Operating current is the average bias current required to meet the ER, rise/fall, and bandwidth specifications. The target operating condition is 35 mA over threshold at high temperature, 30mA over threshold at RT. 2. Output power specification is defined into single-mode fiber(SMF 28). 3. TOSA would be capable of meeting other specifications when modulated over this ER range. 4. Maximum change in power as fiber is rotated by 360. Continued....
DFB-1310-10LR-LC
DFB LC LASER DIODE
Notes continued... 5. SMSR is measured at Current => Ith + 8mA at -5C, 25C is Ith + 10mA and 85C Ith + 13mA 6. Measured with an optical receiver with a 10.7 Gb/s filter (4th order Bessel-Thomson filter with 3 dB bandwidth = 0.75*bitrate). 7. Includes the impedance matching network and the DFB intrinsic impedance 8. Tracking error is defined as the coupled power difference at Tmax or Tmin (relative to 25C) where the back monitor current, Imon, is held constant at the value found at 25C at I=Iop.
PIN OUT
Number 1 2 3 4 4 4 4 4 Function Laser BIAS+ MPD Cathode Ground Laser MOD+ Laser MODGround MPD Anode Laser BIAS-
Pin 1
INTERNAL SCHEMATIC
DFB-1310-10LR-LC
TYPICAL PERFORMANCE CHARACTERISTICS
10.7Gbps, SONET Mask
-5C
-85C
FLEX MOUNTING DIMENSIONS
Dimensions in Inches
DFB-1310-10LR-LC
DFB LC LASER DIODE
DFB-1310-10LR-SCA LC MOUNTING DIMENSIONS
Dimensions in mm [inches]
DFB-1310-10LR-LC
DFB LC LASER DIODE
ADVANCED OPTICAL COMPONENTS
Finisar's ADVANCED OPTICAL COMPONENTS division was formed through strategic acquisition of key optical component suppliers. The company has led the industry in high volume Vertical Cavity Surface Emitting Laser (VCSEL) and associated detector technology since 1996. VCSELs have become the primary laser source for optical data communication, and are rapidly expanding into a wide variety of sensor applications. VCSELs' superior reliability, low drive current, high coupled power, narrow and circularly symmetric beam and versatile packaging options (including arrays) are enabling solutions not possible with other optical technologies. ADVANCED OPTICAL COMPONENTS is also a key supplier of Fabrey-Perot (FP) and Distributed Feedback (DFB) Lasers, and Optical Isolators (OI) for use in single mode fiber data and telecommunications networks
AOC CAPABILITIES
ADVANCED OPTICAL COMPONENTS' advanced capabilities include: 1, 2, 4, 8, and 10Gbps serial VCSEL solutions 1, 2, 4, 8, and 10Gbps serial SW DETECTOR solutions VCSEL and detector arrays 1, 2, 4, 8, and 10Gbps FP and DFB solutions at 1310 and 1550nm 1, 2, 4, 8, and 10Gbps serial LW DETECTOR solutions Optical Isolators from 1260 to 1600nm range Laser packaging in TO46, TO56, and Optical subassemblies with SC, LC, and MU interfaces for communication networks VCSELs operating at 670nm, 780nm, 980nm, and 1310nm in development Sensor packages include surface mount, various plastics, chip on board, chipscale packages, etc. Custom packaging options
LOCATION
Allen, TX - Business unit headquarters, VCSEL wafer growth, wafer fabrication and TO package assembly. Fremont, CA - Wafer growth and fabrication of 1310 to 1550nm FP and DFB lasers. Shanghai, PRC - Optical passives assembly, including optical isolators and splitters.
SALES AND SERVICE
Finisar's ADVANCED OPTICAL COMPONENTS division serves its customers through a worldwide network of sales offices and distributors. For application assistance, current specifications, pricing or name of the nearest Authorized Distributor, contact a nearby sales office or call the number listed below.
Phone:1-866-MY-VCSEL USA (toll free) 1-214-509-2700 USA (Direct dial) 44 (0) 174 336 5533 Europe 886-935-409898 China & Taiwan 81-90-4437-1130 Japan 82-11-220-6153 Asia Pacific & Korea
Fax: 1-214-509-3709 USA
Email: salesAOCD@finisar.com WEB: www.finisar.com/aoc.php
(c)2007 Finisar Corporation. All rights reserved. Finisar is a registered trademark of Finisar Corporation. Features and specifications are subject to change without notice.
Rev. C 02/09


▲Up To Search▲   

 
Price & Availability of DFB-1310-10LR-LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X